PART |
Description |
Maker |
HD6432132XXXFA HD64F2132RFA20 HD64F2134FA20 HD6432 |
IC MCU AVR32 256KB FLASH 48-QFN MCU ARM 512K HS FLASH 100-TFBGA 32-Bit Microcontroller 32位微控制
|
Unisonic Technologies Co., Ltd.
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
C8051F015 C8051F015-GQ |
8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
SST89V58RD-33-C-PIE SST89V58RD2-33-C-NJE SST89V58R |
8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 ROHS COMPLIANT, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 ROHS COMPLIANT, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 ROHS COMPLIANT, MS-026ACB, TQFP-44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
Silicon Storage Technology, Inc.
|
STR731FV0T6 STR731FV0T7 STR731FV1T6 STR731FV1T7 ST |
32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP100 ARM7TDMI⑩ 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
|
STMicroelectronics
|
HT66F201006 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
Z8F0812PJ020EC Z8F0422PJ020SC Z8F0411PH020EC |
IC ENCORE MCU FLASH 8K 28DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP28 IC ENCORE MCU FLASH 4K 28DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP28 IC ENCORE MCU FLASH 4K 20DIP
|
ZiLOG, Inc. ZILOG INC
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
|